Part Number Hot Search : 
KSD02 LS411060 SMA40CAT DUR127A D8STTD D8STTD C1410 W78C33BM
Product Description
Full Text Search
 

To Download BR1501W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  11.0 0.5 20.4 0.8 |? 1.1 0.1 28.6 0.3 28.6 0.3 11.3 0.5 18.0 0.5 17.6 0.3 metal heat sink plastic |? 5.36 typ. rating to 1000v prv surge overload rating to 300 amperes peak ideal for printed circuit board reliable low cost construction utilizing molded plastic technique results in inexpensive product maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. br 1502 (w) br 1504 (w) br 1506 (w) br 1508 (w) br 1510 (w) units maximum recurrent peak reverse voltage v rrm 200 400 600 800 1000 v max imum rms v oltage v rms 140 280 420 560 700 v maximum dc blocking voltage v dc 200 400 600 800 1000 v maximum average forw ard output current @t a =50 peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load maximum instantaneous forw ard voltage at 7.5 a v f v maximum reverse current @t a =25 a at rated dc blocking voltage @t a =100 ma operating junction temperature range t j storage temperature range t stg br 15005 (w) br 1501 (w) 50 100 1.1 0.5 300.0 i fsm a 5.0 lead solderable per mil-std-202 method 208 i f(av) 15.0 mounting: thru hole for # 8 screw mounting a 100 70 voltage range: 50 --- 1000 v current: 15.0 a 35 50 br - w - 55 ---- + 150 - 55 ---- + 150 i r dimensions in millimeters br15005(w)-br1510(w) s ilicon bridge rectifiers features http://www.luguang.cn mail:lge@luguang.cn
.8 .9 1 1.1 1.2 .01 0.1 1.0 .6 .7 10 1.3 100 t j =25 10 0 40 60 20 100 120 140 80 t j =25 0.1 1.0 .01 0 5 10 05 0 100 15 20 150 25 175 0 100 1 100 500 200 300 400 10 8.3ms single half sine wave t j =125 amperes average forward output current, amperes fi g. 3 -- typical forward characteri sti c fi g. 4 -- typi cal reverse characteristi c instantaneous forward voltage, volts percent of rated peak reverse voltage instantaneous forward current, instantaneous reverse current, fi g. 1 -- peak forward surge current amperes micro amperes number of cycles at 60h z ambient temperature, fi g. 2 -- forward derati ng curve peak forward surge current, br15005(w)-br1510(w) s ilicon bridge rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of BR1501W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X